PART |
Description |
Maker |
QL82SD-PS484 QL82SD-PT280 QL82SD-PB516 QL82SD-PQ20 |
10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
|
List of Unclassifed Manufacturers
|
M95160BN M95160-BN1T M95160-DL1T M95160-DL3T M9516 |
64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
|
STMICROELECTRONICS[STMicroelectronics]
|
M95320-VBN1T M95640-VBN1T M95640-VBN3T M95640-VBN5 |
16Kbit and 8Kbit Serial SPI Bus EEPROM With High Speed Clock RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-220AB 50/TUBE Low voltage PLL stereo decoder Octal Transparent D-Type Latches With 3-State Outputs 20-TSSOP -40 to 85 GreenChip SMPS controller IC RECTIFIER SBR DUAL 40A 100V 300A-ifsm 830mV-vf 0.5mA-ir TO-247 50/TUBE TV sound AM-demodulator and audio source switch 64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock 64/32/16/8千位串行SPI总线的EEPROM高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit32Kbit SPI总线串行EEPROM的高速时 64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock 64Kbit2Kbit SPI总线串行EEPROM的高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-89 -40 to 85 64/32/16/8千位串行SPI总线的EEPROM高速时 Mains LED driver IC's 64/32/16/8千位串行SPI总线的EEPROM高速时 I2C-bus controlled economic BTSC stereo decoder and audio processor 64Kbit2Kbit SPI总线串行EEPROM的高速时 64 x 36 x 2 bidirectional synchronous FIFO memory 132-BQFP 0 to 70 64/32/16/8千位串行SPI总线的EEPROM高速时 Low-Voltage Adjustable Precision Shunt Regulator 3-SOT-23 -40 to 85 4K X 8 SPI BUS SERIAL EEPROM, PDSO14
|
ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M95256RMW3G M95256RMW3P M95256RMW3TG M95256RMW3TP |
32K X 8 SPI BUS SERIAL EEPROM, PDSO8 256 Kbit serial SPI bus EEPROM with high-speed clock
|
STMicroelectronics
|
AT25020 AT25020-10PC AT25020-10PC-1.8 AT25020-10PC |
SPI Serial EEPROMs High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-TSSOP -55 to 125 512 X 8 SPI BUS SERIAL EEPROM, PDIP8 High Speed CMOS Logic 3-to-8 Line Decoder Demultiplexer Inverting and Non-Inverting 16-SO -55 to 125 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 128 X 8 SPI BUS SERIAL EEPROM, PDIP8 SPI Serial EEPROMs 256 X 8 SPI BUS SERIAL EEPROM, PDSO8 SPI Serial EEPROMs 512 X 8 SPI BUS SERIAL EEPROM, PDSO8
|
ATMEL[ATMEL Corporation] Atmel Corp. PROM Atmel, Corp.
|
M95256 M95256BN M95256-BN1T M95256-BN3T M95256-BN5 |
256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 4.5 V to 5.5 V 256/128 Kbit Serial SPI Bus EEPROM With High Speed Clock 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 128 Kbit (16K x8)serial SPI bus EEPROM with high speed clock, operating = 2.5 V to 5.5 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 1.8 V to 3.6 V 256 Kbit (32K x8)serial SPI bus EEPROM with high speed clock, operating = 2.7 V to 3.6 V
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
AT25128-10SC AT25128-10SC-1.8 AT25128-10SC-2.7 AT2 |
SPI Serial EEPROMs SPI Serial E2PROMs High Speed CMOS Logic Quad-Bus Transceivers with 3-State Outputs 14-SOIC -55 to 125
|
http:// ATMEL[ATMEL Corporation] Atmel Corp.
|
ISD-300A1 |
Universal Serial Bus : USB High-Speed Peripherals
|
Cypress
|
ISP1581BD |
Universal Serial Bus 2.0 high-speed interface device
|
NXP Semiconductors
|
M95128-MN3P_PC M95128-MB3TP_PC M95128-MN6TG_PC M95 |
128 Kbit serial SPI bus EEPROM with high speed clock
|
STMicroelectronics
|